Part Number Hot Search : 
APE10616 IM100 FM301 2045CT 1510G 200A12S2 090N03 NV73A
Product Description
Full Text Search
 

To Download MMSZ5234 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMSZ5225-V to MMSZ5267-V
Vishay Semiconductors
Small Signal Zener Diodes
Features
* Silicon Planar Power Zener Diodes. * Standard Zener voltage tolerance is 5 % e3 with a "B" suffix (e.g.: MMSZ5225B-V), suffix "C" is 2 % tolerance * These diodes are also available in MiniMELF case with the designation TZM5225 ...TZM5267, DO-35 case with type designation 1N5225 ... 1N5267 and SOT23 case with the type designation MMBZ5225-V ... MMBZ5267-V. * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
17431
Mechanical Data
Case: SOD123 Plastic case Weight: approx. 9.3 mg Packaging codes/options: GS18 / 10 k per 13 " reel (8 mm tape), 10 k/box GS08 / 3 k per 7 " reel (8 mm tape), 15 k/box
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Zener current (see Table "Characteristics") Power dissipation
1)
Test condition TL = 75 C
Symbol Ptot
Value 5001)
Unit mW
On FR - 4 or FR - 5 board with minimum recommended solder pad layout.
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Maximum junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj Tstg
Value 3401) 150 - 65 to + 175
Unit K/W C C
On FR - 4 or FR - 5 board with minimum recommended solder pad layout.
Document Number 85774 Rev. 1.5, 20-Mar-06
www.vishay.com 1
MMSZ5225-V to MMSZ5267-V
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C unless otherwise noted Maximum VF = 0.9 V at IF = 10 mA Partnumber Marking Code Nominal Zener Voltage2) VZ at IZT V MMSZ5225 MMSZ5226 MMSZ5227 MMSZ5228 MMSZ5229 MMSZ5230 MMSZ5231 MMSZ5232 MMSZ5233 MMSZ5234 MMSZ5235 MMSZ5236 MMSZ5237 MMSZ5238 MMSZ5239 MMSZ5240 MMSZ5241 MMSZ5242 MMSZ5243 MMSZ5244 MMSZ5245 MMSZ5246 MMSZ5247 MMSZ5248 MMSZ5249 MMSZ5250 MMSZ5251 MMSZ5252 MMSZ5253 MMSZ5254 MMSZ5255 MMSZ5256 MMSZ5257 MMSZ5258 MMSZ5259 MMSZ5260 MMSZ5261 MMSZ5262 MMSZ5263 MMSZ5264 MMSZ5265 MMSZ5266 MMSZ5267
1)
Test Current IZT mA 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7
Maximum Dynamic Impedance1) ZZT at IZT 30 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 ZZK at IZK = 0.25 mA 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700
Typical Temperature of Coefficient VZ %/C - 0.075 - 0.070 - 0.065 - 0.060 - 0.055 0.030 0.030 + 0.038 + 0.038 + 0.045 + 0.050 + 0.058 + 0.062 + 0.065 + 0.068 + 0.075 + 0.076 + 0.077 + 0.079 + 0.082 + 0.082 + 0.083 + 0.084 + 0.085 + 0.086 + 0.086 + 0.087 + 0.087 + 0.089 + 0.090 + 0.091 + 0.091 + 0.092 + 0.093 + 0.094 + 0.095 + 0.095 + 0.096 + 0.096 + 0.097 + 0.097 + 0.097 + 0.098
Maximum Reverse Leakage Current IR A 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR V 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56
C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2
3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75
The Zener Impedance is derived from the 1 kHz AC voltage which results when an AC current having an RMS value equal to 10 % of the Zener current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2)
Measured with device junction in thermal equilibrium. Document Number 85774 Rev. 1.5, 20-Mar-06
www.vishay.com 2
MMSZ5225-V to MMSZ5267-V
Vishay Semiconductors Package Dimensions in mm (Inches)
17432
Document Number 85774 Rev. 1.5, 20-Mar-06
www.vishay.com 3
MMSZ5225-V to MMSZ5267-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85774 Rev. 1.5, 20-Mar-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MMSZ5234

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X